Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAL 9005 Datasheet (PDF) - Lapp.

RAL 9005 Datasheet PDF - Lapp.
Part # RAL 9005
Download  RAL 9005 Download
File Size   135.58 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® ST / STR

RAL 9005 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAL 9005 Datasheet PDF - Lapp.

Part # RAL 9005
Download  RAL 9005 Click to download

File Size   135.58 Kbytes
Page   2 Pages
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.
Description SKINTOP® ST / STR

RAL 9005 Datasheet (HTML) - Lapp.


RAL 9005 Product details

Technical features:
Connecting thread PG7 up to PG48 acc. to DIN 40430
Functional thread Multi-start trapezoidal thread
Protection class / NEMA Type Rating IP68 - 5 bar, test acc. to EN 60529 NEMA Type 1 and Type 12
Strain relief According to DIN VDE 0619
Temperature range Dynamic -20 °C up to +100 °C Statically -40 °C up to +100 °C
Colour RAL 7001, RAL 7035 RAL 9005 (black UV-resistant)
Design ST: standard STR: with reducing sealing ring (for smaller cable diameters)




Similar Part No. - RAL 9005

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
logo
Sensata Technologies, I...
RAL-005-002 SENSATA-RAL-005-002 Datasheet
104Kb / 1P
MATING CABLE CONNECTOR
Rev:05/31/18
RAL-010-012 SENSATA-RAL-010-012 Datasheet
104Kb / 1P
MATING CABLE CONNECTOR
Rev:05/31/18
RAL-020-001 SENSATA-RAL-020-001 Datasheet
122Kb / 1P
STANDARD CABLE CONNECTOR ASSEMBLY
Rev:12/22/21
RAL-020-012 SENSATA-RAL-020-012 Datasheet
122Kb / 1P
STANDARD CABLE CONNECTOR ASSEMBLY
Rev:12/22/21
More results


Similar Description - RAL 9005

ManufacturerPart #DatasheetDescription
logo
Lapp.
52025235 LAPP-52025235 Datasheet
103Kb / 1P
SKINTOP® SD
03.07.2018
52220000 LAPP-52220000 Datasheet
276Kb / 3P
SKINTOP® CUBE
03.07.2018
52220065 LAPP-52220065 Datasheet
457Kb / 4P
SKINTOP® MULTI
13.08.2021
53015000 LAPP-53015000 Datasheet
162Kb / 2P
SKINTOP® ST / STR
23.11.2021
53015410 LAPP-53015410 Datasheet
118Kb / 2P
SKINTOP® BT
23.11.2021
53015600 LAPP-53015600 Datasheet
143Kb / 2P
SKINTOP® BS
23.11.2021
53111407 LAPP-53111407 Datasheet
114Kb / 2P
SKINTOP® ST-HF-M
25.09.2019
53113300 LAPP-53113300 Datasheet
231Kb / 2P
SKINTOP® SOLAR / SKINTOP® SOLAR plus
02.12.2021
53800640 LAPP-53800640 Datasheet
83Kb / 1P
SKINTOP® DV
03.07.2018
54113000 LAPP-54113000 Datasheet
86Kb / 1P
SKINTOP® DV-M
03.07.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com